Part Number Hot Search : 
10EDA10 GBU6M LS103 ANX5808 CS5180 MIP0223S SY10E111 G5U1118
Product Description
Full Text Search
 

To Download DL-5148S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway dl-5100 ********************************************************************************************************************** ****** ********************************** ************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2003 v2.0 1550 nm dfb laser diodes dl- 5100 series mqw-dfb laser diodes ************************************************************************************************************************************************************** features 2 1550 nm uncooled laser diode with mqw structure 2 high reliability, long operation life 2 5 mw cw operation at 0 o c ~ +70 o c 2 single frequency operation with high smsr 2 build-in ingaas monitor 2 flat window cap package (dl-510x) 2 aspherical lens cap package (dl-512x) 2 2 mm ball lens cap package (dl-514x) application oc-3, oc-12 and gigabit ethernet optical communication system description dl-5100 series are mqw-dfb laser diodes that provide a durable, single frequency oscillation with emission wavelength of 1550 nm. dl-5100 series are hermetically sealed devices with the build-in photodiode for output monitoring. electrical and optical characteristics (t c =25 c) symbol parameter test conditions min. typ. max. unit i th threshold current cw 10 15 ma v op operating voltage cw, i th +20ma 1.2 1.5 v slope efficiency part no:dl-510x dl-512x dl-514x cw, i th +20ma 0.20 0.18 0.15 0.25 0.22 0.22 mw/ma c center wavelength cw, i th +20ma 1530 1550 1570 nm smsr side mode suppression ratio cw, i th +20ma 30 35 db beam divergence (parallel) cw, i th +20ma 25 deg. ? beam divergence (perpendicular) cw, i th +20ma 35 deg. t r , t f rise and fall times i f =i th , i th +20ma,20~ 80% 0.226 ns i m pd monitor current cw, i th +20ma,v rd =1v 100 a i d pd dark current v rd =5v 0.1 a c t pd capacitance v rd =5v, f=1mhz 10 15 pf p f fiber coupled power part no:dl-512x dl-514x cw, i th +20ma , sm fiber 1.5 0.6 mw
optoway dl-5100 ********************************************************************************************************************** ****** ********************************** ************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2003 v2.0 absolute maximum ratings (t c =25 o c) symbol parameter ratings unit po optical output power 6 mw v rl ld reverse voltage 2 v v rd pd reverse voltage 15 v i fd pd forward current 2 ma t opr operating temperature 0~70 o c t stg storage temperature -40 ~ +85 o c mechanical dimension (mm) and pin assignment note: specifications subject to change without notice. order information part no.: d l - 5 1 code cap type code speed 0 flat window blank 1.25 gbps 2 aspherical lens s 2.5 gbps 4 2mm ball lens code pin assignment 0 type a 5 type b 8 type c


▲Up To Search▲   

 
Price & Availability of DL-5148S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X